PART |
Description |
Maker |
74LVX16373 74LVX16373TTR |
LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUT LOW VOLTAGE CMOS 16-BIT D-TYPE LATCH (3-STATE) WITH 5V TOLERANT INPUTS From old datasheet system
|
ST Microelectronics STMicroelectronics
|
AM29SL800CT150WBC AM29SL800CB120EI AM29SL800CB120E |
CAP 150UF 6.3V 20% TANT SMD-7343-30 TR-7 Quad 2-Input NOR Gates 14-SOIC -55 to 125 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 IC LOGIC 1G79 SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP -40 85C SOT-23-5 3000/REEL 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 120 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 100 ns, PDSO48 16-Bit Buffer/Line Driver, OE Active Low
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
74LVX16374 74LVX16374TTR |
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUT LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
|
ST Microelectronics STMicroelectronics
|
MC74LCX16240DTR2 MC74LCX16244DTG MC74LCX16244DTR2 |
Low?Voltage CMOS 16?Bit Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low?Voltage CMOS 16?Bit Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low?Voltage CMOS 16?Bit Transceiver With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low?Voltage CMOS 16?Bit Transparent Latch With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low−Voltage CMOS 16−Bit D−Type Flip−Flop With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting) Low?Voltage CMOS 16?Bit D?Type Flip?Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting)
|
ONSEMI[ON Semiconductor]
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
74LCX16821 74LCX16821MEA 74LCX16821MTD 74LCX16821M |
Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 20-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system Low Voltage 20-Bit D-Type Flip-Flops with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SMCG5643A SMCJ5637 SMCG5653 SMCJ5660 SMCJ5661A SMC |
Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB Zener Diode; Zener Voltage Typ, Vz:200V; Vz Test Current, Izt:65mA; Power Dissipation, Pd:50W; Package/Case:DO-5; Mounting Type:Through Hole 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Quad Exclusive-NOR Gate 14-SOIC -55 to 125 CMOS Quad Exclusive-NOR Gate 14-PDIP -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-CDIP -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-SOIC -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-PDIP -55 to 125 CMOS Triple 3-Input OR Gate 14-CDIP -55 to 125 CMOS Triple 3-Input OR Gate 14-TSSOP -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-SO -55 to 125 CMOS Triple 3-Input OR Gate 14-SO -55 to 125 CMOS 4-Bit D-Type Registers with Clock and 3-State Outputs 16-TSSOP -55 to 125 CMOS Quad Exclusive-NOR Gate 14-CDIP -55 to 125
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
BXB100-48S05FLT BXB100-48S15FLT BXB100 BXB100-24S1 |
Low voltage octal bus buffer with 3 state outputs (non inverted) Quad exclusive OR gate Quad bilateral switch Low voltage octal bus buffer with 3 state outputs (inverted) Low voltage CMOS octal D-type latch with 3 state outputs non inverting Low voltage CMOS quad 2-input OR gate Octal D-type flip flop with clear 66-100W Wide Input DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
E0C6S37 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,High Quality Display LCD Driver(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较高质量的LCD驱动器))
|
爱普生(中国)有限公
|
MMSZ5234B |
Low-Voltage CMOS 16-Bit D-Type Flip-Flop; Package: TSSOP-48 12.5x6.1x1.1 mm; No of Pins: 48; Container: Tape and Reel; Qty per Container: 2500 5% TOLERANCE
|
Fairchild Semiconductor Corporation
|